Part Number Hot Search : 
TMP92 0100P0 CSC3930 10140 0BFHTA BC856 TIP127 EZ5Z3L
Product Description
Full Text Search
 

To Download 2N2905A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP 2N2905 - 2N2905A SILICON PLANAR EPITAXIAL TRANSISTORS
The 2N2905 and 2N2905A are PNP transistors mounted in TO-39 metal case . They are intended for high speed switching and general purpose applications. Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS Symbol
VCEO VCBO VEBO IC PD PD TJ TStg
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Total Power Dissipation Junction Temperature Storage Temperature range @ Tamb = 25 @ Tcase= 25
Ratings
2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905
Value
-60 -40 -60 -60 -5 -5 -600 0.6
Unit
V V V mA Watts
3 200 -65 to +200 C C
THERMAL CHARACTERISTICS Symbol
RthJ-a RthJ-c
Ratings
Thermal Resistance, Junction to ambient in free air Thermal Resistance, Junction to case 2N2905A 2N2905 2N2905A 2N2905
Value
58.3 292
Unit
C/W C/W
ELECTRICAL CHARACTERISTICS
COMSET SEMICONDUCTORS 1/3
PNP 2N2905 - 2N2905A
TC=25C unless otherwise noted
Symbol
ICBO ICEX VCEO VCBO VEBO
Ratings
Collector Cutoff Current
Test Condition(s)
VCB=-50 V, IE=0 VCB=-50 V, IE=0, Tj=150C
Min Typ Mx Unit
-10 -20 -10 -20 -50 300 120 -0.4 -1.6 V -1.3 -2.6 nA A nA V V V
Collector Cutoff Current
VCE=-30 V, VBE=0.5V
Collector Emitter Breakdown IC=-10 mA, IB=0 Voltage Collector Base Breakdown IC=-10 A, IE=0 Voltage Emitter Base Breakdown IE=-10 A, IC=0 Voltage
IC=-0.1 mA, VCE=-10 V IC=-1 mA, VCE=-10 V
hFE
DC Current Gain
IC=-10 mA, VCE=-10 V IC=-150 mA, VCE=-10 V (1) IC=-500 mA, VCE=-10 V (1) IC=-150 mA, IB=-15 mA IC=-500 mA, IB=-50 mA IC=-150 mA, IB=-15 mA IC=-500 mA, IB=-50 mA
VCE(SAT)
Collector-Emitter saturation Voltage (1)
VBE(SAT)
Base-Emitter saturation Voltage (1)
2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A -60 -40 2N2905 2N2905A -60 2N2905 2N2905A -5 2N2905 2N2905A 75 35 2N2905 2N2905A 100 50 2N2905 2N2905A 100 75 2N2905 2N2905A 100 40 2N2905 2N2905A 50 30 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905 2N2905A 2N2905
-
Symbol
fT
Ratings
Transition frequency
Test Condition(s)
IC =-50 mA, VCE =-20 V f = 100MHz
Min Typ Mx Unit
MHz
2N2905A 200 2N2905
Symbol
td tr CCBO CEBO
Ratings
Delay time Rise time Collector-Base capacitance Emitter-Base capacitance
Test Condition(s)
IC=-150 mA ,IB =-15 mA -VCC=-30 V IE= Ie = 0 ,VCB=-10 V f = 100kHz IC= Ic = 0 ,VEB=-2 V f = 100kHz
Min Typ Mx Unit
10 40 8 30 ns pF pF
2N2905A 2N2905 2N2905A 2N2905
-
(1) Pulse conditions : tp < 300 s, =2%
COMSET SEMICONDUCTORS
2/3
PNP 2N2905 - 2N2905A
MECHANICAL DATA CASE TO-39 DIMENSIONS
A B C D E F G H L mm 6,25 13,59 9,24 8,24 0,78 1,05 0,42 45 4,1
Pin 1 : Pin 2 : Case :
Emitter Base Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
COMSET SEMICONDUCTORS
3/3


▲Up To Search▲   

 
Price & Availability of 2N2905A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X